Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1306 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 3 Page - Linear Technology

  LT1306 Datasheet HTML 1Page - Linear Technology LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1306
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/S Pin Current
VS/S = VIN
6
µA
VS/S = 0V
– 3
µA
Shutdown Pin Input High Voltage
1.2
V
Shutdown Pin Input Low Voltage
0.45
V
Shutdown Delay
12
20
50
µs
Synchronization Frequency Range
425
500
kHz
Operating Supply Current
4.5
8
mA
Quiescent Supply Current
VS/S = VIN, VFB = 1.5V
q
160
250
µA
Shutdown Supply Current
VS/S = 0V
9
16
µA
CAP Pin Leakage Current
VIN = VCAP = 7V, VS/S = 2.5V, ISW = 0
q
10
µA
Output Boost-to-Stepdown Threshold
VIN
V
Output Stepdown-to-Boost Threshold
VIN – 0.1
V
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VS/S = VIN, VC open unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
to the device may be impaired.
Note 2: The LT1306E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Switch current limit guaranteed by design/correlation to static
tests.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN (V)
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
1.0
1.5
1306 • G01
0.5
0
VO = 5V
L = 10
µH
TJ = 125°C
TA = 25°C
TA = 50°C
VO = 3.3V
TEMPERATURE (
°C)
–40
80
1306 • G02
040
1.239
1.238
1.237
1.236
1.235
1.234
1.233
1.232
1.231
–20
20
60
100
VS/S (V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1306 • G03
05
4
3
2
1
TA = –40°C
TA = 85°C
TA = 25°C
Maximum Load Current vs
Input Voltage
Reference Voltage vs
Temperature
S/S Pin Current vs S/S Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com