Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1306 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 4 Page - Linear Technology

  LT1306 Datasheet HTML 1Page - Linear Technology LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1306
TYPICAL PERFORMANCE CHARACTERISTICS
S/S Pin Current vs Temperature
Shutdown Supply Current vs
Input Voltage
Idle-Mode Supply Current vs
Temperature
Oscillator Frequency Line
Regulation
Frequency vs Temperature
Maximum Duty Ratio
VIN (V)
0
9
8
7
6
1306 • G07
24
320
315
310
305
300
13
5
10
TEMPERATURE (
°C)
–40
315
310
305
300
295
290
285
280
275
270
265
0
40
60
1306 • G08
–20
20
80
100
TEMPERATURE (
°C)
–40
95
90
85
80
75
70
65
60
20
60
1306 • G09
–20
0
40
80
100
VIN = 2.5V
Current Limit vs Duty Cycle
Switch Saturation Voltage
vs Current
Maximum Allowable Rise Time of
Synchronizing Pulse
SYNCHRONIZING PULSE AMPLITUDE (V)
1
600
500
400
300
200
100
0
1.5
2.0
2.5
3.0
1306 • G10
3.5
DUTY CYCLE (%)
0
2.0
2.2
2.6
2.8
3.0
20
40
50
90
1306 • G11
2.4
10
30
60
70
80
TA = 25°C
SWITCH CURRENT (A)
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.5
1306 • G12
0.5
1.0
2.0
2.5
TA = –40°C
TA = 85°C
TA = 25°C
INPUT VOLTAGE (V)
40
35
30
25
20
15
10
5
1306 • G04
0
2
46
8
10
12
TA = 85°C
TA = 25°C
TA = –40°C
TEMPERATURE (
°C)
–40
80
1306 • G06
040
155
150
145
140
135
–20
20
60
100
TEMPERATURE (
°C)
5.0
2.5
0
–2.5
1306 • G05
–40
–20
020
40
80
60
100
VS/S = 2.5V
VS/S = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com