Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN417 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 4 Page - STMicroelectronics

  AN417 Datasheet HTML 1Page - STMicroelectronics AN417 Datasheet HTML 2Page - STMicroelectronics AN417 Datasheet HTML 3Page - STMicroelectronics AN417 Datasheet HTML 4Page - STMicroelectronics AN417 Datasheet HTML 5Page - STMicroelectronics AN417 Datasheet HTML 6Page - STMicroelectronics AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
List of figures
AN417
4/21
Doc ID 2074 Rev 2
List of figures
Figure 1.
Battery charger circuit diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
The negative delta voltage method fast charge is terminated at point A . . . . . . . . . . . . . . . 6
Figure 3.
Fast charge terminates at point B in the inflexion point method . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
NiMH versus NiCd charging characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Inflexion point method. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Simplified program flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Charge of a 1.4 Ah NiCd battery with the -[
Δ V] method: charging current 2.2 A, total
time 48 mn, temperature increase 9.6°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Charge of a 1.4 Ah NiCd battery with the inflexion method: charging current 2.2 A,
total time 41 mn, temperature increase 5°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Charge of a 2.2 Ah NiMH battery with the -[
Δ V] method: charging current 2.2 A, total
time 63 mn, temperature increase 18.2°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Charge of a 2.2 Ah NiMH battery with the inflexion method: charging current 2.2 A,
total time 57 mn, temperature increase 7.5°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Block diagram of an off-line SMPS charger . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Block diagram of a DC/DC charger . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
This 35W/100kHz off-line charger is an asymmetrical half-bridge regulated in current
mode from its primary side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 14.
This 15W/100kHz DC-to-DC charger is also driven by a low-cost PWM control
integrated circuit, the UC3843 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com