Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN417 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 5 Page - STMicroelectronics

  AN417 Datasheet HTML 1Page - STMicroelectronics AN417 Datasheet HTML 2Page - STMicroelectronics AN417 Datasheet HTML 3Page - STMicroelectronics AN417 Datasheet HTML 4Page - STMicroelectronics AN417 Datasheet HTML 5Page - STMicroelectronics AN417 Datasheet HTML 6Page - STMicroelectronics AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN417
Charge termination methods
Doc ID 2074 Rev 2
5/21
2
Charge termination methods
Basically, NiCd and NiMH batteries are charged by a constant current source (see Figure 1).
A battery charger is made of a constant current source controlled by a microcontroller which
monitors the battery voltage variation with its internal analog-to-digital converter
Figure 1.
Battery charger circuit diagram
As soon as the full capacity of the battery has been detected by the microcontroller, the
charging is stopped by turning the current off. Schematic examples of power converters
operating as current sources are given later. The same converter hardware can be used in
two different charging methods depending upon the appliance requirements.
2.1
The [-
Δ V] method
When a NiCd battery reaches full charge, its voltage decreases slightly (see Figure 2). The
negative delta voltage method [-
Δ V] consists of stopping the charge as soon as the voltage
slope versus time becomes negative. This first charge termination technique is optimized to
fast charge a NiCd battery to its full capacity.
micro controller
cell voltage
I charge
battery
Vin
NiCd
or
NiMH
ST62xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com