Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN439 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 3Page - STMicroelectronics AN439 Datasheet HTML 4Page - STMicroelectronics AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN439
TRIAC turn-off description
7/16
For an underdamped oscillating circuit (0
≤ ξ ≤ 1), the voltage variation (VT(t)) across the
TRIAC is defined by:
Equation 8
With damped natural resonance:
Equation 9
In the case of pure inductive load (R = 0, worst case), the circuit is undamped. The
maximum reapplied dV/dtOFF across the TRIAC is:
Equation 10
Without snubber, according to the characteristics of inductive loads, the maximum dV/dtOFF
without snubber will be limited to about 60 V/µs for 100 – 220 V applications. Thus, it is not
necessary to get the (dI/dt)c values for (dV/dt)c above 100 V/µs .
t
p
p
0
p
T
0
e
)
t
sin(
)
t
cos(
·
E
E
)
t
(
V
·
·
-
·
·
·
·
·
-
ω
ξ
ω
ω
ω
ξ
ω
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
2
0
p
1
ξ
ω
ω
-
·
=
0
6
)
F
(
T
)
H
(
)
V
(
RMS
)
s
/
V
(
OFF
2
t
at
10
.
C
.
L
2
V
dt
/
dV
ω
π
µ
.
.
-
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com