Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN439 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 2 Page - STMicroelectronics

  AN439 Datasheet HTML 1Page - STMicroelectronics AN439 Datasheet HTML 2Page - STMicroelectronics AN439 Datasheet HTML 3Page - STMicroelectronics AN439 Datasheet HTML 4Page - STMicroelectronics AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TRIAC turn-off description
AN439
2/16
1
TRIAC turn-off description
1.1
Definition
The TRIAC can be compared to two thyristors mounted in back-to-back and coupled with a
control area which allows the triggering of this Alternating Current Switch with only one gate
(see Figure 1).
Looking at the TRIAC silicon structure (see Figure 2), it can be noted that the conduction
areas, corresponding to these two thyristors, narrowly overlap each other on the control
area.
During the conduction time, a certain quantity of charge is injected into the structure. The
biggest part of this charge disappears by recombination during the current decrease, while
another part is extracted after the turn-off by the reverse recovery current. Nonetheless, an
excess charge remains, particularly in the neighboring regions of the gate, which can induce
the triggering of the other conduction area when the mains voltage is reapplied across the
TRIAC. This is the problem of commutation.
For a given structure at a determined junction temperature, the turn-off behavior depends
on:
1.
The quantity of charge which remains when the current drops to zero. The
quantity of the charge is linked to the value of the current which was circulating in the
TRIAC approximately 100 µs, about two or three times the minority carriers’ life time,
before the turn-off. Thus, the parameter to consider is the slope of the decreasing
current, called the turn-off dI/dt or dI/dtOFF. (see Figure 3)
2.
The slope of the reapplied voltage during turn-off. This parameter is the
commutation dV/dt, called the turn-off dV/dt or dV/dtOFF (see Figure 3). A capacitive
current, proportional to the dV/dtOFF, flows into the structure, and therefore charges are
injected and added to those coming from the previous conduction.
Figure 1.
Simplified equivalent
schematic of TRIAC circuit
Figure 2.
Example of TRIAC silicon
structure
A1
I+
A2
G
I-
V T
Gates
Ctrl.
N3
P2
N2
P1
N1
P2
N2
P1
N4
A2
A1
G
I+
I-
N4
Gates
Ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com