Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN441 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 3 Page - STMicroelectronics

  AN441 Datasheet HTML 1Page - STMicroelectronics AN441 Datasheet HTML 2Page - STMicroelectronics AN441 Datasheet HTML 3Page - STMicroelectronics AN441 Datasheet HTML 4Page - STMicroelectronics AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN441
Reasons for inrush current in inductive loads
Doc ID 3579 Rev 3
3/16
These two equations show that, when the inductive load is switched on in full-wave, the
transient current depends on the Triac first turn-on delay with respect to the mains voltage
zero point. Figure 2 shows the load current curve for triggering at zero voltage and triggering
at the peak mains voltage. This figure comes from PSPICE simulation for a 150 ohm and
5 H load switched on at a voltage of 230 V rms at 50 Hz.
Triggering at zero voltage brings the highest inrush current which can be up to twice the
peak current reached in case of triggering at peak voltage.
Figure 2.
Inrush current difference according to Triac first turn-on delay
Due to this high peak current, two problems may occur at AC switch level.
●
High peak current may be higher than ITSM value (maximum surge peak current). In this
case the component can be damaged.
●
AC switch temperature may exceed the maximum allowed junction temperature (this
will not lead necessarily to device failure but electrical parameters are not anymore
guaranteed if working temperature is above max allowed value).
Inrush currents have also to be checked to fit electromagnetic compatibility standards.
Actually, IEC 61000-3-3 standard make it mandatory to limit inrush currents of appliances
connected to the power network to reduce the flickering effect on lighting.
It should also be noted that reducing inrush current helps to increase the reliability of the
load and other switches or breakers used in series with the load.
1.2
Magnetic core saturation due to remanent induction
In transient operation, the induction can follow a different path and reach the saturation
value BS for which the magnetic field H increases very rapidly even for a low induction
variation (see Figure 3). At saturation level the magnetic material permeability decreases
drastically, down to air permeability. This leads to a lower inductance value. The load current
is then mainly limited by the load resistance, and can increase substantially. Saturation then
leads to a high increase of the coil current.
-400
-300
-200
-100
0
100
200
300
400
0
20406080
100
Time (ms)
-400
-300
-200
-100
0
100
200
300
400
Turn-on at zero crossing
Turn-on at peak mains voltage
Mains voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com