Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN441 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 5 Page - STMicroelectronics

  AN441 Datasheet HTML 1Page - STMicroelectronics AN441 Datasheet HTML 2Page - STMicroelectronics AN441 Datasheet HTML 3Page - STMicroelectronics AN441 Datasheet HTML 4Page - STMicroelectronics AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN441
AC switch control with an inductive load
Doc ID 3579 Rev 3
5/16
Figure 4.
Last turn-off polarity influence on the next turn on
2
AC switch control with an inductive load
2.1
Latching current
The latching current IL of a Triac is the minimum value of the load current (circulating
through terminals A2 and A1), to keep the device conducting when the gate signal is
removed. Diagram a in Figure 5 shows a bad Triac turn on due to too short gate pulse width
and Diagram b in Figure 5 shows a good Triac turn on. The pulse width is sufficiently large
so that the current i(t) reach the latching current. See Application note AN303 for more
information.
For inductive loads, as the current rate of increase is limited by the inductance, care has to
be taken to have a large enough gate pulse width to reach IL (refer to Section 2.2).
Figure 5.
Latching current of the AC switch
8.75 A
A
1.16 A
B
i(t)
IG
IL
t
t
i(t)
I
IL
t
t
b
a
i(t)
I
I
t
t
i(t)
IG
I
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com