Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1709 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 18Page - STMicroelectronics AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics AN1709 Datasheet HTML 21Page - STMicroelectronics AN1709 Datasheet HTML 22Page - STMicroelectronics AN1709 Datasheet HTML 23Page - STMicroelectronics AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics AN1709 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3.1.3.2 Protective Interface
Although ST Microcontroller input/output circuitry has been designed taking ESD and Latch-
up problems into account, for those applications and systems where ST Microcontroller pins
are exposed to illegal voltages and high current injections, the user is strongly recommended
to implement hardware solutions which reduce the risk of damage: low-pass filters and clamp
diodes are usually sufficient in preventing stress conditions.
The risk of having out-of-range voltages and currents is greater for those signals coming from
outside the system, where noise effect or uncontrolled spikes could occur with higher proba-
bility than for the internal signals; it must be underlined that in some cases, adoption of filters
or other dedicated interface circuitries might affect global microcontroller performance, in-
ducing undesired timing delays, and impacting the global system speed.
Figure 14. Digital Input/Output - Push-Pull
PIN
OUTPUT
BUFFER
P
N
P
N
N
INPUT
BUFFER
P
ESD PROTECTION
CIRCUITRY
PORT CIRCUITRY
I/O CIRCUITRY
P
EN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com