Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1756 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1756
Description  Choosing a DALI implementation strategy with ST7DALIF2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1756 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1756 Datasheet HTML 2Page - STMicroelectronics AN1756 Datasheet HTML 3Page - STMicroelectronics AN1756 Datasheet HTML 4Page - STMicroelectronics AN1756 Datasheet HTML 5Page - STMicroelectronics AN1756 Datasheet HTML 6Page - STMicroelectronics AN1756 Datasheet HTML 7Page - STMicroelectronics AN1756 Datasheet HTML 8Page - STMicroelectronics AN1756 Datasheet HTML 9Page - STMicroelectronics AN1756 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DALI standard
AN1756
6/10
3
DALI standard
3.1
Introduction
DALI is an acronym for Digital Addressable Lighting Interface, standardized as IEC 929.
DALI is the new interface standard for lighting controls solutions defined by the lighting
industry. AG-DALI is the “Digital Addressable Lighting Interface Working Group” established
for joint promotion and application of the DALI Standard by leading manufacturers and
institutions in the field of digital addressing of lamps and/or luminaires. For more
information, refer to document 3 referenced in Section 4.
3.2
DALI standard protocol
The DALI protocol uses the bi-phase Manchester asynchronous serial data format. All the
bits of the frame are bi-phase encoded except the two stop bits.
●
The transmission rate is about 1.2 kHz. The bi-phase bit period is 833.33uS ±10%.
●
A forward frame consists of 19 bi-phase encoded bits:
–
1 start bit (0->1: logical ’1’)
–
1 address byte (8-bit address)
–
1 data byte (8-bit data)
–
2 high level stop bits (no change of phase)
●
A backward frame consists of 11 bi-phase encoded bits:
–
1 start bit (0->1: logical ’1’)
–
1 data byte (8-bit data)
–
2 high level stop bits (no change of phase)
A forward frame consists of 19 bi-phase encoded bits: 1 start bit (logical ’1’), 1 address byte
and 1 data byte. The frame is terminated by 2 stop bits (idle). The stop bits do not contain
any change of phase.
A backward frame consists of 11 bi-phase encoded bits: 1 start bit (logical ’1’) and 1 data
byte. The frame is terminated by 2 stop bits (idle). The stop bits do not contain any change
of phase.
The transmission rate, expressed as a bandwidth, is specified at 1.2 kHz for the forward
channel and for the backward channel.
The settling time between two subsequent forward frames is 9.17 ms (minimum).
The settling time between forward and backward frames is between 2.92 ms and 9.17 ms. If
a backward frame has not been started after 9.17 ms, this is interpreted as “no answer”.
In the event of code violation, the frame is ignored. After a code violation has occurred, the
system is ready again for data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com