Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1756 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1756
Description  Choosing a DALI implementation strategy with ST7DALIF2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1756 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1756 Datasheet HTML 2Page - STMicroelectronics AN1756 Datasheet HTML 3Page - STMicroelectronics AN1756 Datasheet HTML 4Page - STMicroelectronics AN1756 Datasheet HTML 5Page - STMicroelectronics AN1756 Datasheet HTML 6Page - STMicroelectronics AN1756 Datasheet HTML 7Page - STMicroelectronics AN1756 Datasheet HTML 8Page - STMicroelectronics AN1756 Datasheet HTML 9Page - STMicroelectronics AN1756 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1756
DALI standard
7/10
Figure 6.
DALI standard frame
Only the ST7DALIF2 microcontroller has a dedicated peripheral for handling the DALI
protocol! For more details, please refer to document 4 referenced in Section 4.
3.3
DALI system advantages
Figure 7.
DALI cable
Here are the main advantages of the DALI system:
Simple wiring: all of the units in the system are interconnected using a simple five-core
cable (see Figure 7).
No mains switching required: lamps can be dimmed or switched on and off using
control system commands without any need for mains switching.
Easy system re-configuration: the operation of the system can be changed quickly
without any modification to the hardware.
Easy system modification: if the lighting system needs to be enlarged, new
components can be added anywhere on the DALI cable.
It is possible to define light scenes. Scene means: a particular light level intensity. A
maximum of 16 scenes can be defined.
Please refer to document 3 in Section 4 to find out more details of what are the other
benefits of the DALI standard for the end user and for specifiers and architects.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com