Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1776 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1776
Description  INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1776 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1776 Datasheet HTML 1Page - STMicroelectronics AN1776 Datasheet HTML 2Page - STMicroelectronics AN1776 Datasheet HTML 3Page - STMicroelectronics AN1776 Datasheet HTML 4Page - STMicroelectronics AN1776 Datasheet HTML 5Page - STMicroelectronics AN1776 Datasheet HTML 6Page - STMicroelectronics AN1776 Datasheet HTML 7Page - STMicroelectronics AN1776 Datasheet HTML 8Page - STMicroelectronics AN1776 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
1 EXCEPTION ENTRY AND EXIT
1.1 ENTERING AN EXCEPTION
This first section of this application note gives an introduction to Exception Handling by de-
scribing the basic default configuration of the ARM processors.
When an exception occurs, the ARM processor switches automatically to the ARM state and
to the exception mode, copies the Current Program Status Register (CPSR) into
SPSR_<mode> (where SPSR is the Saved Program Status Register, here in a particular
mode), saves the return address in to LR_<mode>, sets the appropriate CPSR bits. The re-
turn address is stored in the Link Register, LR_<mode> to ensure that normal execution can
resume following the exception handling. Finally, the Program Counter (PC) is set to the
vector address to where the exception can be handled.
After handling the exception, the reverse process needs to be applied where CPSR is restored
from SPSR_<mode> and the PC is restored from LR_<mode>.
Remember that exception handling can only be exited in ARM state, so if previously in Thumb
state, prior to exit the exception, the core should switch states to ARM.
1.2 LEAVING AN EXCEPTION
To return from an exception, a data procession instruction is used however the exact instruc-
tion depends on the exception being handled.
In the ARM state, the use of the S bit normally sets the conditional flag. However, when in priv-
ileged modes, with the S bit set and the PC as the destination register, the instruction will up-
date the PC and copy the SPSR_<mode> into the CPSR. Finally, still in privileged mode, LDM
can be used with the ^ qualifier if LR_<mode> is adjusted before being stacked.
For SWI and Undefined exception handlers
MOVS
pc, lr
For FIQ, IRQ and Prefect Abort exception handlers
SUBS
pc, lr, #4
For Data Abort exception handlers
SUBS
pc, lr, #8
LDM can be used with the ^ qualifier if LR adjusted before being stacked
LDMFD
sp!,{pc}^
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com