Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2017 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics AN2017 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
tion cannot be used for very slow supply voltage rise time. It would suitable when the rise time
is fairly fast.
In all ST7 microcontrollers you have a weak pull-up equivalent resistor whose values differ for
different MCU. This equivalent resistor is sensitive to temperature so while calculating the
component values based on the maximum supply rise time, please remember to take this re-
sistor into account as it would come in parallel with the external resistor. In case your applica-
tion would be running at very low temperature an internal pull-up resistor at the RESET pin
would have a minimum value.
This circuit cannot be used when the power supply oscillates during power-down. As the
supply may drop momentarily (oscillate) below the minimum safe level, with the RESET pin
held high, as a consequence internal logic is not guaranteed any more, and the RESET pin
cannot be seen at a logic low level to ensure a safe restart.
3.2 Transistor based External Reset circuits
This solution is necessary if the supply voltage rise time is unspecified or it is very slow.
The transistor is closed as long as the supply voltage is below the threshold value, this allows
the pull-down resistor at the reset pin to pull reset low. Once the VDD rises above this
threshold value the transistor is open, keeping the RESET at VDD, thereby releasing the reset.
The transistor is turned on once the voltage from emitter to base drops below a certain value,
usually around 0.6-0.7V.
Figure 5. Transistor based External Reset circuit with potential divider to bias the
transistor.
Resistors, R1 and R2 form a voltage divider which controls the emitter-base voltage. The
threshold is defined by {(R1+R2)/R1}*Vbe
Depending on the threshold required and the emitter-base voltage of the transistor, you would
get the ratio of two resistance, R2/R1. Selecting the resistor values in order to satisfy this ratio
would give the desired threshold.
While making the selection of the pull-down resistance connected at the RESET pin there are
certain points to be considered. The RESET pin in ST7 has a pull-up resistance of minimum
20K, when the transistor is off this pull-up resistance and the pull-down resistance at the
10K
RESET
VDD
1K
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com