Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2017 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics AN2017 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
4 RECOMMENDATIONS TO PROVIDE A SAFE RESET
There are a few points which should always be kept in mind to avoid unwanted situations.
They are:
– To avoid the device from entering in ICC mode during a reset, it is mandatory to put an ex-
ternal pull-up of 10K on ICC CLK pin in a noisy environment (only in the case of devices that
do not have ICCSEL).
– The supply voltage should rise monotonously when the device is exiting from reset using In-
ternal LVD, to ensure application starts properly.
– The pull-down resistor at RESET pin should not be more than 10K for External Reset circuits.
– If the supply voltage is rising in steps please ensure that the first step is at 2V in less than
40msec so that the MCU starts properly.
– It is better to use External Reset circuits when the capacitive power supply is used, since the
supply voltage rises very slowly and is out of range of Internal LVD due to the large capaci-
tance value.
– Please refer the datasheet of the device carefully for certain device specific precautions/ rec-
ommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com