Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2046 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2046
Description  STR71X CLOCK CONFIGURATIONS EASY SETUP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2046 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2046 Datasheet HTML 10Page - STMicroelectronics AN2046 Datasheet HTML 11Page - STMicroelectronics AN2046 Datasheet HTML 12Page - STMicroelectronics AN2046 Datasheet HTML 13Page - STMicroelectronics AN2046 Datasheet HTML 14Page - STMicroelectronics AN2046 Datasheet HTML 15Page - STMicroelectronics AN2046 Datasheet HTML 16Page - STMicroelectronics AN2046 Datasheet HTML 17Page - STMicroelectronics AN2046 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14/19
STR71X CLOCK CONFIGURATIONS EASY SETUP
11 HDLC
This calculation sheet allows the configuration and calculation of the transmit and the receive
clocks.
For the two cases it is necessary to select the clock source (Internal or External), to set the
value of the clock source if external clock source was selected, to configure the clock divider
value and to select the transmission and the receive data code.
We obtain as a result:
■
The transmit and the receive clocks,
■
The transmit and the receive registers configuration.
Figure 11. HDLC calculation sheet
Note: For more details, refer to the HDLC section of the reference manual.
As an example, as shown in Figure 11, the HDLC is configured as follows:
■
The transmit clock is set to 1MHz with an internal clock source, a clock divider value set to
9 and with Manchester transmission data code,
■
The receive clock is set to 500KHz with an internal clock source, a clock divider value set to
39 and with NRZI transmission data code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com