Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2046 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2046
Description  STR71X CLOCK CONFIGURATIONS EASY SETUP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2046 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2046 Datasheet HTML 11Page - STMicroelectronics AN2046 Datasheet HTML 12Page - STMicroelectronics AN2046 Datasheet HTML 13Page - STMicroelectronics AN2046 Datasheet HTML 14Page - STMicroelectronics AN2046 Datasheet HTML 15Page - STMicroelectronics AN2046 Datasheet HTML 16Page - STMicroelectronics AN2046 Datasheet HTML 17Page - STMicroelectronics AN2046 Datasheet HTML 18Page - STMicroelectronics AN2046 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
STR71X CLOCK CONFIGURATIONS EASY SETUP
12.2 PORT 1
This sheet allows the configuration of all the port 1pins independently. We obtain as a result
the values to be loaded in to the PC0, PC1 and PC2 registers.
The Figure 14 shows how to configure the port 1 as follows:
■
Bits 0, 1, 2, 3: Timer 3,
■
Bits 4, 5, 6, 7, 8, 9, 15: GPIO,
■
Bits 10: USB,
■
Bits 11, 12: CAN,
■
Bits 13, 14: I2C.
Figure 14. Port 1 configuration sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com