Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2154 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 4Page - STMicroelectronics AN2154 Datasheet HTML 5Page - STMicroelectronics AN2154 Datasheet HTML 6Page - STMicroelectronics AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics AN2154 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
The PWM generator block of ST7MC motor control peripheral for SVPWM
AN2154
8/16
Figure 3.
The 12-bit PWM block generator of ST7MC motor control peripheral
Figure 4.
Center-aligned PWM waveform: compare 0 register = 8, compare register
value = 4
Figure 5.
Edge-aligned PWM waveform: compare 0 register = 8, compare register
value = 4
2.1
Symmetrical space vector modulation
As discussed in Chapter 2 , the goal of SVPWM is to generate three appropriate PWM
signals in order to create, on the phases of the motor, three vectors V shifted (by 120°
between each other) and continuously rotating inside the space vector hexagon on the
complex plane. Moreover, it has been also discussed that, to create vectors V inside one of
the six sectors, the reference vectors which bound that sector have to be "time weighted"
using Equation 10 - 12.
lete
Product(s)
- Obsol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com