Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2154 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2154
Description  Space vector modulation using 8-bit ST7MC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2154 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2154 Datasheet HTML 6Page - STMicroelectronics AN2154 Datasheet HTML 7Page - STMicroelectronics AN2154 Datasheet HTML 8Page - STMicroelectronics AN2154 Datasheet HTML 9Page - STMicroelectronics AN2154 Datasheet HTML 10Page - STMicroelectronics AN2154 Datasheet HTML 11Page - STMicroelectronics AN2154 Datasheet HTML 12Page - STMicroelectronics AN2154 Datasheet HTML 13Page - STMicroelectronics AN2154 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ST7MC implementation of symmetrical SVPWM
AN2154
10/16
Figure 7.
Center-aligned SVPWM patterns
3
ST7MC implementation of symmetrical SVPWM
A practical implementation of symmetrical SVPWM has been implemented using ST7MC,
the STMicroelectronics 8-bit microcontroller dedicated to Motor Control. Thanks to its
embedded Motor control peripheral, the space vector modulation can be easily implemented
without excessive computational load for the CPU. The firmware developed is strongly
based on the three-phase AC Induction Motor Control Software Library, downloadable from
the web site: www.st.com and widely described in application note AN1904 (downloadable
from the same web page). This library can handle AC asynchronous motor control in open
loop and closed loop for optimum slip regulation using sinusoidal modulation with 3rd
harmonic injection. Starting from the mentioned library, the symmetrical SVPWM has been
generated mainly by modifying the 'U' event interrupt service routine dedicated to the sinus
plus 3rd harmonic waveform generation.
3.1
Fixed settings
The aim of this paragraph is to illustrate which of the parameters defined in AC Induction
Motor control library have been fixed during the symmetrical SVPWM algorithm
development. All these settings are not mandatory, but a modification of one of them could
require some firmware modification in order to restore the full firmware functioning. Relating
to AC asynchronous motor control library, the main parameters which have been set are:
Speed regulation: open loop operation has been selected.
PWM pattern: center-aligned PWM must be chosen for symmetrical SVPWM.
PWM frequency: it has been set equal to 15.625 kHz. This has been achieved by fixing
MCMP0 register at 255 and by setting the prescaler to 1 (Fcounter=Fmtc/2). This choice
allows both the elimination of the acoustical noise introduced by the switches and to
perform all the necessary computations for PWM patterns generation in 8-bit format.
Repetition counter: it has been fixed at 2 so that a U event is generated every 1.5 PWM
periods.
Accordingly with ST7MC Starter Kit schematic rev. C-6, the index modulation is
adjustable from potentiometer RV2 in the range between 0 to 0.866, and the output
waveform frequency is adjustable from potentiometer RV1 in the range between 3 and
225 Hz. Maximum and minimum frequency can be eventually varied by changing
HIGHEST_FREQ and LOWEST_FREQ parameters values in MTC_param.h header
file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com