Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2282 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 3Page - STMicroelectronics AN2282 Datasheet HTML 4Page - STMicroelectronics AN2282 Datasheet HTML 5Page - STMicroelectronics AN2282 Datasheet HTML 6Page - STMicroelectronics AN2282 Datasheet HTML 7Page - STMicroelectronics AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics AN2282 Datasheet HTML 10Page - STMicroelectronics AN2282 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN2282
Hardware
7/19
Figure 5.
STR7 EMI read timing diagram
Figure 6.
STR7 EMI write timing diagram
CS8900A timing diagrams for memory mode access are the same so they are not included
in this document.
Considering the MCLK value is equal to 48 MHz and 7 wait states, the cycle times are as
follows:
a)
tRAS = tWAS = 27 nSec.
b)
tRP = tWP = 166 nSec.
c)
tRDS = tWDS = 3 nSec. (fixed)
d)
tRDH = tWDH = 3 nSec. (fixed)
e)
tRAH = tWAH = 3 nSec. (fixed)
f)
tRCR = tWCR 20 nSec.
All cycle times are compatible with Ethernet controller timing. Of course it also possible to
use more than 7 wait states.
Considering the data bus connection of Figure 2, the STR7 reads incoming data in Little
Endian byte order. For example assume that the data received from the Ethernet wire is
0x01, 0x02, 0x03, 0x04, etc. where 0x01 is the first byte, 0x02 the second and so on; STR7
reads the following data words: 0x0201, 0x0403, etc.
A[23:0]
RDn
CSn.x
WEn.x
D[15:0]
(input)
tRAH
Address
tRP
tRCR
tRDS
tRDH
tRAS
Address
tWAH
tWCR
tWP
tWDH
tWDS
tWAS
A[23:0]
RDn
CSn.x
WEn.x
D[15:0]
(output)
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com