Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2282 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2282
Description  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2282 Datasheet HTML 1Page - STMicroelectronics AN2282 Datasheet HTML 2Page - STMicroelectronics AN2282 Datasheet HTML 3Page - STMicroelectronics AN2282 Datasheet HTML 4Page - STMicroelectronics AN2282 Datasheet HTML 5Page - STMicroelectronics AN2282 Datasheet HTML 6Page - STMicroelectronics AN2282 Datasheet HTML 7Page - STMicroelectronics AN2282 Datasheet HTML 8Page - STMicroelectronics AN2282 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AN2282
Hardware
3/19
1
Hardware
The target microcontroller for the solution is the STR710 with TQFP144 package to have the
EMI bus available for Ethernet controller interfacing. The hardware includes also a RS232
interface for SLIP implementation.
1.1
The STR710 microcontroller
The STR710 is a 16-/32-bit microcontroller based on the ARM7TDMI RISC microprocessor.
It combines the high performance of the ARM® CPU with an extensive range of peripheral
functions and enhanced I/O capabilities. The microcontroller has on-chip high-speed single
voltage FLASH memory and high-speed RAM, since both memories are mounted on an
ARM® CPU native bus the STR710 maximizes the CPU calculation speed. The STR710
has an embedded ARM® core and is therefore compatible with all ARM tools and software.
The 144-pin version (used for the solution in the present AN) has a non-multiplexed 16-bit
data/24-bit address bus available that supports four 16-Mbyte banks of external memory
(EMI). Wait states are programmable individually for each bank allowing different memory
types (Flash, EPROM, ROM, SRAM etc.) to be used to store programs or data. Later on, the
way of interfacing the EMI with an ISA Ethernet controller will be shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com