Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VRX2008R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # VRX2008R
Description  1000 Watt Voltage Regulator - Automatic voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

VRX2008R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  VRX2008R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved VRX2008R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 Watt Voltage Regulator - Automatic voltage
regulation with surge protection
MODEL NUMBER: VRX2008R
Description
2000VA Automatic Voltage Regulation (AVR) system protects sensitive electronics, computer accessories and
home theater equipment from power-related damage and performance problems. Extends the useful life of
connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal
operating temperatures. Reliable transformer-based voltage correction circuits maintain 220V nominal output
during voltage fluctuations between 200 and 240V. Two levels of voltage stabilization offer targeted response for
overvoltages and brownouts. Prevents equipment damage and power related performance problems for
computer accessories, printers, home theater equipment, a/v components and other sensitive electronic devices. AC surge and EMI/RFI noise suppression.
Supports loads up to 2000 VA, 5A/ 8 IEC C13 outlets. 3ft AC line cord. 3 diagnostic LEDs display boost, cut and normal operation.
Features
Maintains regulated 220V (+10%/-10%) nominal output over an input range of 200 to 270V
Protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems
Extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating
temperatures
Two levels of voltage stabilization offers response to overvoltages and brownouts
Input voltages over 240V are reduced by 10% (+/- 7V)
Input voltages below 200V are boosted by 10% (+/- 7V)
2000VA output power rating supports 220V loads up to 5 amps
EMI/RFI noise filtering prevents equipment interaction, system interference, lockups and other power-related audio and video artifacts
3 diagnostic LEDs indicate boost, cut and normal AVR operation
8 protected IEC C13 (4 AVR / 4 Surge-only) outlets
3 foot AC power cord with CEE7/7 input plug
1-Line TEL surge suppression
Specifications
Highlights
Automatic voltage regulation
(AVR) and AC surge suppression
Maintains regulated 220V
nominal output over an input
range of 200 to 270V
2000 VA / 5 amp capacity
8 IEC C13 outlets, 3 foot AC cord
LEDs display boost, cut and
normal operation
Applications
Maintains regulated output voltage
during severe brownouts and
overvoltages for computer
accessories, printers, home theater
equipment, a/v components,
point-of-sale equipment, and other
applications requiring clean, regulated
AC power.
Package Includes
VRX2008R Line Conditioner
Instruction manual with warranty
information
1 / 2


Similar Part No. - VRX2008R

ManufacturerPart #DatasheetDescription
logo
CUI INC
VRX3-DIP CUI-VRX3-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
logo
Bel Fuse Inc.
VRXE-18AS10 BEL-VRXE-18AS10 Datasheet
125Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
VRXZ-01RD10 BEL-VRXZ-01RD10 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRXZ-01RD20 BEL-VRXZ-01RD20 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRX2008R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4954 SEMTECH-1N4954 Datasheet
93Kb / 2P
5 WATT VOLTAGE REGULATOR
logo
Microchip Technology
MCP1826 MICROCHIP-MCP1826_13 Datasheet
853Kb / 38P
1000 mA, Low-Voltage, Low Quiescent Current LDO Regulator
11/29/12
logo
International Rectifier
AUIRFR540Z IRF-AUIRFR540Z Datasheet
280Kb / 12P
Automatic Voltage Regulator
logo
List of Unclassifed Man...
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
ABLIC Inc.
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
logo
Schneider Electric
LE600 SCHNEIDER-LE600 Datasheet
82Kb / 2P
Line-R 600VA Automatic Voltage Regulator
May 19, 2020
LE1200 SCHNEIDER-LE1200 Datasheet
86Kb / 2P
Line-R 1200VA Automatic Voltage Regulator
May 19, 2020
logo
Leshan Radio Company
S-SZAF2.4A LRC-S-SZAF2.4A Datasheet
232Kb / 4P
Zener voltage regulator diodes 1 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
logo
List of Unclassifed Man...
SX460 ETC2-SX460 Datasheet
47Kb / 4P
AUTOMATIC VOLTAGE REGULATOR (AVR) SPECIFICATION, INSTALLATION AND ADJUSTMENTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com