Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VRX2008R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # VRX2008R
Description  1000 Watt Voltage Regulator - Automatic voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

VRX2008R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  VRX2008R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved VRX2008R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
Nominal Output Voltage(s)
Supported
220V
Output Receptacles
(8) C13
Output (VA)
2000
Output (Watts)
1000
Output Nominal Voltage
230V, 50 / 60Hz
Outlet Details
4 IEC C13 AVR suppported / 4 IEC C13 surge-only
INPUT
Maximum Input Amps
5
Plug Type
CEE 7/7 with CEE 7/7 TO BS 1363 adapter
Input Cord Length (ft.)
3
Input Cord Length (m)
0.9
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
3 LEDs show incoming voltage status and regulation activity via Power (Green), Boost (Yellow), Cut (Red) LEDs
PHYSICAL
Shipping Dimensions (hwd / in.)
4 x 6.8 x 9.9
Shipping Dimensions (hwd / cm)
10.2 x 17.3 x 25.1
Shipping Weight (lbs.)
5.1
Shipping Weight (kg)
2.3
Unit Dimensions (hwd / in.)
3.7 x 4.9 x 9.6
Unit Dimensions (hwd / cm)
9.4 x 12.4 x 24.4
Unit Weight (lbs.)
4.9
Unit Weight (kg)
2.2
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com