Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0044 Datasheet(PDF) 57 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 53Page - STMicroelectronics PM0044 Datasheet HTML 54Page - STMicroelectronics PM0044 Datasheet HTML 55Page - STMicroelectronics PM0044 Datasheet HTML 56Page - STMicroelectronics PM0044 Datasheet HTML 57Page - STMicroelectronics PM0044 Datasheet HTML 58Page - STMicroelectronics PM0044 Datasheet HTML 59Page - STMicroelectronics PM0044 Datasheet HTML 60Page - STMicroelectronics PM0044 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 162 page
background image
PM0044
STM8 addressing modes
Doc ID 13590 Rev 3
57/162
6.13
Bit Direct (Long) addressing mode
The data byte required for the operation is found by its memory address, which follows the
op-code. The bit used for the operation is selected by the bit selector which is encoded in
the instruction op-code.
The address is a word, thus allowing 0000 to FFFF addressing space, but requires 2 bytes
after the op-code. The bit selector #n (n=0 to 7) selects the nth bit from the byte pointed to by
the address.
Example:
Table 37.
Overview of Bit Direct addressing mode instruction
Addressing mode
Syntax
EA formula
Ptr Adr
Ptr Size
Dest adr
Bit
Long Direct
longmem, #pos
(longmem)
op + 1..2
Word
0000..FFFF
Table 38.
Available Bit Direct instructions
Instructions
Functions
BRES
Bit Reset
BSET
Bit Set
BCPL
Bit Complement
BCCM
Copy Carry Bit to Memory
0408
721006E5
BCPL
coeff, #0
06E5
40
coeff
dc.b
$ 40
Action:
(coeff) = ($06E5) XOR 2**0 = $40 XOR $01 = $41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com