Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0044 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 7Page - STMicroelectronics PM0044 Datasheet HTML 8Page - STMicroelectronics PM0044 Datasheet HTML 9Page - STMicroelectronics PM0044 Datasheet HTML 10Page - STMicroelectronics PM0044 Datasheet HTML 11Page - STMicroelectronics PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics PM0044 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 162 page
background image
PM0044
STM8 architecture
Doc ID 13590 Rev 3
11/162
1.2
Enhanced STM8 features
16-Mbyte linear program memory space with 3 FAR instructions (CALLF, RETF, JPF)
16-Mbyte linear data memory space with 1 FAR instruction (LDF)
Up to 32 24-bit interrupt vectors with optimized context save management
16-bit Stack Pointer (SP=SH:S) with stack manipulation instructions and addressing
modes
New register and memory access instructions (EXG, MOV)
New arithmetic instructions: DIV 16/8 and DIVW 16/16
New bit handling instructions (CCF, BCPL, BCCM)
2 x 16-bit index registers (X=XH:XL, Y=YH:YL). 8-bit data transfers address the low
byte. The high-byte is not affected, with a reset value of 0. This allows the use of X/Y as
8-bit values.
Fast interrupt handling through alternate register files (up to 4 contexts) with standard
stack compatible mode (for real time OS kernels)
16-bit/8-bit stack operations (X, Y, A, CC stacking)
16-bit pointer direct update with 16-bit relative offset (ADDW/SUBW for X/Y/SP)
8-bit & 16-bit arithmetic and signed arithmetic support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com