Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4038 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 5Page - STMicroelectronics AN4038 Datasheet HTML 6Page - STMicroelectronics AN4038 Datasheet HTML 7Page - STMicroelectronics AN4038 Datasheet HTML 8Page - STMicroelectronics AN4038 Datasheet HTML 9Page - STMicroelectronics AN4038 Datasheet HTML 10Page - STMicroelectronics AN4038 Datasheet HTML 11Page - STMicroelectronics AN4038 Datasheet HTML 12Page - STMicroelectronics AN4038 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AN4038
Test setup overview
Doc ID 022686 Rev 1
9/39
2.2
Test environment description
The detection distance measurements were performed automatically using a three-axes
table. The table simulated the approach of a finger or hand and guaranteed high precision
and repeatability of the measurement. The finger was simulated by a conductive pen
(diameter 10 mm) and the hand with a copper plate (80 mm x 80 mm). The approach speed
used for the detection distance was 60 mm/second.
The default parameters for measurements of the STM8TL5xxx were:
●
CS (sampling capacitor) = 0 (register value)
●
Target reference value = 1000
●
Threshold = 30
The front panel, which was used with all sensors, was made of acrylic material with a
1.5 mm thickness. It was glued to the sensor board with a 100 µm of pressure sensitive
adhesive.
The noise graphs in this application note are expressed by the standard deviation. The
standard deviation (see Equation 1) is used to measure the dispersion or variability that
exists from the mean (average) value.
Equation 1: Standard deviation
Where X is the mean of the sampled values. The standard deviation was calculated using
5000 samples.
The firmware test developed for the detection distance measurements is based on the
STM8TL5x_STMTouch_Lib_V0.1.0.
σ
X
i
X
–
()
2
n1
–
----------------------
i0
=
n1
–
∑
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com