Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4038 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4038 Datasheet HTML 1Page - STMicroelectronics AN4038 Datasheet HTML 2Page - STMicroelectronics AN4038 Datasheet HTML 3Page - STMicroelectronics AN4038 Datasheet HTML 4Page - STMicroelectronics AN4038 Datasheet HTML 5Page - STMicroelectronics AN4038 Datasheet HTML 6Page - STMicroelectronics AN4038 Datasheet HTML 7Page - STMicroelectronics AN4038 Datasheet HTML 8Page - STMicroelectronics AN4038 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AN4038
Main factors influencing proximity sensitivity
Doc ID 022686 Rev 1
5/39
1
Main factors influencing proximity sensitivity
To design a proximity sensor system using an STM8TL5xxx device, the following
parameters must be considered:
STM8TL5xxx setting
●
Whatever the sensor design of an application, the detection distance can be fine tuned
thanks to the STM8TL5xxx sensitivity. Sensitivity is determined by three parameters:
the sampling capacitance (CS), the target reference, and the detection threshold. The
CS is a capacitor used to accumulate charge from the parasitic capacitor created by the
sensor electrodes. The target reference is the gain and the detection threshold defines
the detection trigger level. The higher the sensitivity is, the better the detection distance
is, but the noise on the acquisition signal increases. When the noise increases, the
threshold should be increased to filter the noise. However, this effectively decreases
the sensitivity. A compromise must be defined between the detection range and the
noise immunity.
●
The approach speed is one of the constraints of a proximity application. STM8TL5xxx
devices are able to compensate environmental change (temperature, VDD variation)
thanks to the environment control system (ECS) feature. The response time of the ECS
should be in line with the desired approach speed. The lower the approach speed is,
the slower the compensation is.
Electrode design
●
The detection distance and detection area of a system are determined by the sensor
design which is influenced by both the sensor size and shape. Generally, increasing the
sensor size, increases the proximity detection distance. The electrode is built with two
electrodes. The length, the width, and the spacing between the two electrodes are the
three parameters that define the sensor and influence the detection distance.
●
Coupling with ground strongly influences the sensitivity of the proximity sensor system.
Ground plane or ground surrounding are not recommended. The nearer the ground is
from the proximity sensor, the lower the sensitivity is. But, the surrounding ground can
have a beneficial effect on the directivity. The directivity can be an important parameter
and can be improved by the electrode shape and the surrounding ground.
 In addition,
the mechanical environment around the sensor can significantly modify the detection
area and distance.
Front panel
●
Front panel materials and thickness modify the detection distance and the projected
capacitance. The better the dielectric value is, the better the sensitivity of the sensors
is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com