Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0312 Datasheet(PDF) 65 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 61Page - STMicroelectronics RM0312 Datasheet HTML 62Page - STMicroelectronics RM0312 Datasheet HTML 63Page - STMicroelectronics RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics RM0312 Datasheet HTML 67Page - STMicroelectronics RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 275 page
background image
DocID022352 Rev 3
65/275
RM0312
Clock control (CLK)
74
8.4.4
Configurable clock output register (CLK_CCOR)
Address offset: 0x05
Reset value: 0x10
7
654
3210
Reserved
CCOSLP[1:0]
CCOSEL[2:0]
CCOEN
rw
rw
rw
Bits 7:6 Reserved
Bits 5:4 CCOSLP[1:0]: Configurable clock output buffer slope.
00: 400 kHz
01: 20 MHz
10: 10 MHz
11: 50 MHz
Bits 3:1 CCOSEL[2:0]: Configurable clock output selection.
These bits are written by software to select the source of the output clock available on the CLK_CCO
pin.
000: fMASTER
001: fMASTER/2
010: fMASTER/4
011: fMASTER/16
100: fPXS
101: fPXS/2
110: fPXS/4
111: fPXS/16
Note: To correctly output the ProxSense RC signal, the following sequence must be respected:
– Enable the PXS clock peripheral by setting bit PCKENR17 in the CLK_PCKENR1 register.
– Configure CCOSEL[2:0] and set bit CCO in the CLK_CCOR register.
– Enable the ProxSense peripheral by setting bit PXS_EN in the PXS_CR1 register.
Bit 0 CCOEN: Configurable clock output enable
This bit is set and cleared by software.
0: CCO clock output disabled
1: CCO clock output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com