Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0312 Datasheet(PDF) 68 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics RM0312 Datasheet HTML 67Page - STMicroelectronics RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics RM0312 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 275 page
background image
Power management
RM0312
68/275
DocID022352 Rev 3
9.2
Managing the clock for low consumption
9.2.1
Slowing the system clocks
In run mode, choosing the clock frequency is very important to ensure the best compromise
between performance and consumption. The selection is done by programming the
CLK_CKDIVR register. Refer to 8.4.1: Clock divider register (CLK_CKDIVR) on page 63.
Note:
In applications where the MCU can be halted for certain periods, the power consumption
can be minimized by keeping a fast clock (high performance execution) during active
periods, in order to reduce the ratio between active periods and Halt (that is “zero”-
consumption) periods.
9.2.2
Peripheral clock gating
For additional power saving you can use Peripheral Clock Gating (PCG). This can be done
at any time by selectively enabling or disabling the fMASTER clock connection to individual
peripherals. Refer to 8.4.2: Peripheral clock gating register 1 (CLK_PCKENR1) on page 64
and 8.4.3: Peripheral clock gating register 2 (CLK_PCKENR2) on page 64.
These settings are effective in both Run and Wait modes. Refer to 8.1.1: Peripheral clock
gating (PCG) on page 62.
Each PCG state represents a specific power or low power level.
9.3
Switching peripherals off
Any of the MCU peripherals can be deactivated when they are not used in order to minimize
power consumption. This is true for both analog and digital peripherals.
Each ON/OFF combination represents a specific power or low power level.
Each of the peripherals can be switched off by a dedicated control bit:
Single Wire Interface Module (SWIM) by the SWD bit in the SWIM_CSR register
Auto-Wakeup Unit (AWU) by the AWUEN bit in the AWU_CSR register
Beeper by the BEEPEN bit in the AWU_CSR register
Timers by the CEN bits in the TIMx_CR1 registers
I2C by the PE bit in the I2C_CR1 register
SPI by the SPE bit in the SPI_CR1
USART by the USART_CR2 register
WWDG by the WWDG_CR register
ProxSense by the PXS_CR1 register
Note:
These control bits should be written only when the corresponding peripheral clock is
enabled
Once the IWDG is activated, it cannot be disabled except with a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com