Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4102 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics AN4102 Datasheet HTML 10Page - STMicroelectronics AN4102 Datasheet HTML 11Page - STMicroelectronics AN4102 Datasheet HTML 12Page - STMicroelectronics AN4102 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN4102
Application description
Doc ID 023129 Rev 1
9/16
1.6.2
Halt mode
In this mode, the CPU, oscillator and peripherals are stopped but the device remains
powered on. The voltage regulator is configured in ultra-low power mode. The device
wakeup is done via an external interrupt.
In Halt mode, the device reaches a deeper level of energy saving by disabling the
oscillators. The device is woken up from this mode by an external interrupt generated by the
U7 counter.
Figure 6.
HALT mode
For further information, refer to the application note "STM8L family power management"
(AN3147).
START
LCD disable
RTC clock source none
RTC clock OFF
LCD clock OFF
LSI disable
Regulator ultra low power mode
GPIO low power config
Disable external counter U7
Halt_Init() function
Enable external counter U7
HALT() instruction
Interrupt
occurred?
NO
YES
END
Starts U7 counter that
controls microcontroller
wakeup
Device in HALT mode
HALT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com