Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4102 Datasheet HTML 1Page - STMicroelectronics AN4102 Datasheet HTML 2Page - STMicroelectronics AN4102 Datasheet HTML 3Page - STMicroelectronics AN4102 Datasheet HTML 4Page - STMicroelectronics AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN4102
Application description
Doc ID 023129 Rev 1
5/16
The resistor is placed in parallel to a high-sense operational amplifier (A) with fixed gain that
amplifies the voltage (V) present on the resistors. A sample-and-hold stage is then inserted
and connected to an analog input of the MCU (PF0 IDD measurement) that finally converts
the resulting voltage, which reflects the consumption current.
In low-power modes only, a counter enabled by the STM8AL (PC4 pin) manages the
measurement timing while the microcontroller is idle. The microcontroller is woken-up after a
150 ms delay through the K2 switch.
While the microcontroller is in one of the power-saving modes, a capacitor (C) is able to
store the measurement charge so that the microcontroller can later give the value of the low-
power mode current consumption during the microcontroller’s wake-up phase (in the first 50
ms). Switch S is opened at the device start-up so as to keep the charge collected in the
capacitor (C) intact while the microcontroller is in low-power mode.
The current measurement precision is enhanced by taking into account the I bias current of
its own operational amplifier. When JP1 is placed in the OFF position (IDD measurement
circuitry disabled), a special test invoked by the USER2 push-button at the device start-up
measures this current value and stores it in the non-volatile memory. Once this value is
stored in the device, it is deducted from the next IDD measurement to compensate errors
due to I bias current (see Section 1.5.2: Bias current record).
For additional information related to the IDD measurement feature, refer to the
STM8A-DISCOVERY user manual (UM1574).
1.5
Getting started with the application
Two modes can be run within the STM8AL low-power application example.
●
IDD measurement in different power modes.
●
Bias current record.
The IDD measurement is available when the application is powered-up with the USER1
push-button pressed while the bias current record is available when the application is
powered-up with the USER2 push-button pressed.
However, for best performances, it is recommended to control and record the I bias current
before starting the IDD measurement mode.
1.5.1
IDD measurement
Firstly, check that JP2 is set to the ON position. Before applying power to the STM8AL board
through the USB cable (or through an external power supply), press the USER1 button and
maintain it pressed while the USB cable is connected. The IDD mode is selected and the
green LED LD4 is set. The "** TEST **" message is displayed. You are entering the IDD
measurement sequence. Once this mode is launched, the different steps automatically
unfold as described in the diagram below. If one of the measurements is outside the range
of the specification, the sequence ends with an error message related to the failing
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com