Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4271 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 3Page - STMicroelectronics AN4271 Datasheet HTML 4Page - STMicroelectronics AN4271 Datasheet HTML 5Page - STMicroelectronics AN4271 Datasheet HTML 6Page - STMicroelectronics AN4271 Datasheet HTML 7Page - STMicroelectronics AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID024318 Rev 1
7/20
AN4271
Transmitter parameters
2
Transmitter parameters
All the measurements reported here have been measured with the following parameters: T
C
= 25 °C, V
DD
= 3.3 V, f = 869.500 MHz.
The adjacent channel power, modulation bandwidth and unwanted emissions in the
spurious domain measurements are also reported. The measurements are performed in
accordance with EN 300 220 v1 [
2].
2.1
Adjacent channel power
The adjacent channel power (ACP) is defined as the amount of the modulated RF signal
power which falls within a given adjacent channel. This power is the sum of the mean power
produced by the modulation, hum and noise of the transmitter. This measurement is
applicable only to narrow band systems.
This test measures the power transmitted on the adjacent channel during continuous
modulation. The ACP is measured with a spectrum analyzer conforming to the requirements
given in the EN 300 220-1 v2.4.1 (2012-01) [
2] annex C.
In this application note, the ACP measured with 12.5 kHz channel spacing is investigated.
For this measurement, the integrated bandwidth of the adjacent channel is 8.5 kHz. The
ETSI limits for the ACP is 10 μW (-20 dBm) for channel separation of 12.5 kHz.
Figure 5 illustrates the measured ACP at the 869.5 MHz center frequency. The data rate is
set to 2.4 kbps, the frequency deviation is set to 2.4 kHz, and the modulation is set to
Gaussian FSK (GFSK) with a BT = 0.5.
The output power integrated around the carrier is 27 dBm in 8.5 kHz bandwidth. With this
power the ACP is -30 dBm, which is 10 dB better than the ETSI limit.
The SPIRIT1 is fully compliant with the ETSI transmitter adjacent channel power
requirements, with margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com