Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4271 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4271 Datasheet HTML 1Page - STMicroelectronics AN4271 Datasheet HTML 2Page - STMicroelectronics AN4271 Datasheet HTML 3Page - STMicroelectronics AN4271 Datasheet HTML 4Page - STMicroelectronics AN4271 Datasheet HTML 5Page - STMicroelectronics AN4271 Datasheet HTML 6Page - STMicroelectronics AN4271 Datasheet HTML 7Page - STMicroelectronics AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID024318 Rev 1
3/20
AN4271
Application circuit
1
Application circuit
Figure 1 shows the SPIRIT1 with range extender application board photo. The application is
made up of 2 boards: a daughterboard and a motherboard. The daughterboard holds the
SPIRIT1 with the circuits necessary for its function. For correct operation, the
daughterboard must be plugged into the motherboard (see
Figure 2) by two header 5x2
connectors (J6 and J7).
The motherboard is equipped with an STM32L152VBT6 microcontroller to correctly
program the transceiver. The microcontroller is programmed with firmware developed for
the SPIRIT1 application. A graphical user interface (GUI) has been developed for
programming of the SPIRIT1.
The daughterboard includes a 50 MHz crystal to provide the correct oscillator to the
SPIRIT1.
The SPIRIT1 has an internal SMPS that drastically reduces power consumption, making the
SPIRIT1 the best-in-class for the application on this bandwidth. The SMPS is fed from the
battery (1.8 V to 3.6 V) and provides a programmable voltage (1.4 V typ) to the device. An
SMA connector is provided to connect the board to the antenna or to instrumentation in
order to verify correct functionality and confirm the ETSI standard required.
A few of passive devices (inductors and capacitors) are used as matching/filtering for the
power amplifier (PA) and balun network for the receiver.
A SAW filter is recommended in the TX path to attenuate the spurious emissions above the
carrier frequency, which would otherwise violate spurious emissions limits under ETSI 300
220 [
2]. The same SAW filter is provided in the RX path because, due the proximity of the
GSM band, the receiver can be saturated in an application environment. This SAW filter can
be bypassed using a short R1 resistor.
The SAW filter used is a Tai-Saw Technology CO., LTD. TA0801 868 MHz SAW filter [
5].
An external FEM (front-end module) is used to improve the output power at the +27 dBm
requested. The FEM utilized is a Skyworks SE2435L [
6]. The device includes a power
amplifier (PA) capable of about +27 dBm of transmitted output power. The receive channel
consists of an integrated LNA (low noise amplifier) with programmable bypass. An
integrated antenna switch, which provides an insertion loss of approximately 0.8 dB,
separates the TX and RX paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com