Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4363 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4363
Description  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4363 Datasheet HTML 5Page - STMicroelectronics AN4363 Datasheet HTML 6Page - STMicroelectronics AN4363 Datasheet HTML 7Page - STMicroelectronics AN4363 Datasheet HTML 8Page - STMicroelectronics AN4363 Datasheet HTML 9Page - STMicroelectronics AN4363 Datasheet HTML 10Page - STMicroelectronics AN4363 Datasheet HTML 11Page - STMicroelectronics AN4363 Datasheet HTML 12Page - STMicroelectronics AN4363 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID025296 Rev 1
9/20
AN4363
Voltage rating selection
20
Figure 6. Delta connection
The highest voltage across the Triac is then: UPeak (peak line-to-line voltage). This voltage,
according to Table 1 values, is very close or above 600 V. For such applications, AC
switches able to withstand at least 800 V are then required. For motor control, due to the
back electro-motive force (BEMF) that can be added to the voltage held by the AC switch at
OFF state, 1000 V or 1200 V devices are preferred.
2.2
Motor control applications
A BEMF can be applied by a motor when the series AC switch is OFF. A motor can still be
running due to inertia or if a mechanical torque is applied.
A BEMF will occur across a motor if it is turning and if an inductive field is applied. This is the
reason why, such a BEMF does not occur with universal motors (as the exciting field applied
by the rotor is switched off when the stator is turned off, as both windings are in series) and
asynchronous induction motors (as the rotor field is generated by the stator field). A low-
level BEMF could occur in case of permanent induction due to motor iron saturation but
such a BEMF can usually be neglected.
A BEMF will actually appear at stator winding turn-off usually when permanent magnets are
used. This is the case of permanent magnet synchronous motors (PMSM). Typically the
BEMF could be between 30 to 50% of the line voltage. So a 50% margin on the AC switch
voltage capability, versus the peak line voltage has to be taken into account.
There are also specific topologies where a capacitor can be used to control a motor. These
two topologies are:
•
Induction motors, with split-phase capacitors (see Figure 8): such motors are used for
drum motor control (mainly in vertical axis washing machines), rolling shutters, garage-
door openers, compressors, etc. The Triac voltage typically reaches 550-650 V at
device turn-off for 230-240 V applications (see STMicroelectronics Application note
AN2991).
•
Motors used in a diode-bridge in series with an AC capacitor (used as a ballast to step-
down the Line voltage, see Figure 7): such a topology is used to operate a low-voltage
electronic load like a BLDC motor, directly from the mains. At turn-off, the voltage
across the Triac reaches 2 times the line peak voltage due to the nearly perfect 180°
phase-shift between line and capacitor voltages. This means 746 V can be applied for
a 264 V line voltage (240 V + 10%).
U12
IΔ
J13
V
V
V
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com