Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4363 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4363
Description  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4363 Datasheet HTML 1Page - STMicroelectronics AN4363 Datasheet HTML 2Page - STMicroelectronics AN4363 Datasheet HTML 3Page - STMicroelectronics AN4363 Datasheet HTML 4Page - STMicroelectronics AN4363 Datasheet HTML 5Page - STMicroelectronics AN4363 Datasheet HTML 6Page - STMicroelectronics AN4363 Datasheet HTML 7Page - STMicroelectronics AN4363 Datasheet HTML 8Page - STMicroelectronics AN4363 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID025296 Rev 1
5/20
AN4363
Current rating selection
20
Figure 3. Maximum power dissipation versus rms on-state current for a T1635T-8FP
1.2
Turn-off limitation for specific applications
One particularity of an AC switch is that it may remain ON when the gate current is
removed, even after that the current has reached zero. This kind of behavior could only
occur if the Triac operates with conditions beyond its datasheet guaranteed operation, and
particularly when the rate of load current decrease, or the rate of reapplied voltage after
turn-off are higher than the specified (dI/dt)c and (dV/dt)c rates.
An AC switch can be compared to two Thyristors mounted back-to-back and coupled with a
single control area. To trigger the two Thyristors, the control area overlaps the two
conduction areas.
During the conduction time, a certain quantity of charge is injected into the structure. This
charge disappears by recombination during the current decrease and by extraction after the
turn-off with the reverse recovery current (refer to Figure 4.a). Nonetheless, if an excess of
charge remains, particularly in the neighboring regions of the gate, this can induce the
triggering of the other conduction area when the mains voltage is reapplied across the Triac
(refer to Figure Figure 4.b).
P(W)
0
2
4
6
8
10
12
14
16
18
20
02
46
8
10
12
14
16
I(A)
T(RMS)
180°
RMS load
current
Pd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com