Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS40RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS40RFG
Description  Low VF SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS40RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS40RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ORDERING INFORMATION
PART NO.
BAS40
BAS40-04
BAS40-05
BAS40-06
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412006
BAS40
RF
G
Multiple manufacture
source
Green compound
-D0
RF
G
Define manufacture
source
Green compound
RF
BAS40
BAS40 RF
BAS40
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
BAS40 / -04 / -05 / -06
Taiwan Semiconductor
Small Signal Product
PACKING
CODE
PACKAGE
PACKING
MARKING
46
44
45
43
PART NO.
SUFFIX (Note 1)
PACKING CODE
SUFFIX
G
SOT-23
3K / 7" Reel
RF
-xx
Version: F14
PACKING CODE
PACKING CODE
SUFFIX
BAS40 RFG
DESCRIPTION
BAS40-D0 RFG
Multiple manufacture
source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com