Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS40RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS40RFG
Description  Low VF SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS40RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS40RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS40RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Metal-on-silicon schottky barrier
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT- 23, molded plastic
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 0.008g (approximately)
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IFRM
mA
IO
mA
IFSM
A
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
Reverse Breakdown Voltage
V(BR)
V
IR
μA
Junction Capacitance
CJ
pF
Reverse Recovery Time
trr
ns
Notes : 1. Test Condition : 8.3ms single half sine-wave superimposed on rated load
Notes : 2. Valid provided that electrodes are kept at ambient temperature
Document Number: DS_S1412006
Version: F14
BAS40 / -04 / -05 / -06
Taiwan Semiconductor
Small Signal Product
Low VF SMD Schottky Barrier Diode
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
SOT-23
PARAMETER
VALUE
357
-65 to +125
Non-Repetitive Peak Forward Surge Current
PARAMETER
MIN
MAX
0.50
IR=10μA
IF=1mA
IF=10mA
IF=IR=10mA, RL=100Ω, IRR=1mA
Reverse Leakage Current
-0.2
VF
Forward Voltage
-5.0
-5.0
-
V
40
-0.38
-
-1.00
IF=40mA
VR=30V
VR=1V, f=1.0MHz
200
40
40
200
200
0.6
Power Dissipation
Repetitive Peak Reverse Voltage
Reverse Voltage
Repetitive Peak Forward Current
Mean Forward Current
Junction and Storage Temperature Range
(Note 1)
(Note 2)
Thermal Resistance (Junction to Ambient)


Similar Part No. - BAS40RFG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40RDW PANJIT-BAS40RDW Datasheet
123Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results

Similar Description - BAS40RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
Low VF SMD Schottky Barrier Diode
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
Low VF SMD Schottky Barrier Diode
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
Low VF SMD Schottky Barrier Diode
REV:D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com