Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBS2 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBS2
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS2 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBS2_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 200V (MBS2) to 1000V (MBS10)
Note 2: Whole series with green compound
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1410054
Version: N14
MBSx
(Note 1, 2)
G
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
EXAMPLE
RATINGS AND CHARACTERISTICS CURVES
MBS2 thru MBS10
Taiwan Semiconductor
MBS
RC
PACKAGE
MBS10 RCG
3,000 / 13" Paper reel
PACKING
ORDERING INFORMATION
PREFERRED
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
AEC-Q101 qualified
Green compound
G
RC
MBS10
0
0.2
0.4
0.6
0.8
1
0
2040
6080
100
120
140
160
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
Aluminum Substrate
Glass Epoxy P.C.B.
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
0
5
10
15
20
25
30
35
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
Single Half Sine-Wave
F=60Hz
F=50Hz
0.01
0.1
1
10
100
0
20
406080
100
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25°C
TJ=125°C
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PER LEG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com