Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBS2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBS2
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBS2_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBS2_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- UL Recognized File # E-326854
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
MBS2
MBS4
MBS6
MBS8
MBS10
Unit
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
I
2tA2s
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1410054
Version: N14
MBS2 thru MBS10
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Polarity:
Polarity as marked on the body
Weight:
0.12 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Molded plastic body
MBS
Maximum DC blocking voltage
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
35
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
On glass-epoxy P.C.B.
On aluminum substrate
IF(AV)
0.5
0.8
Operating junction temperature range
- 55 to +150
Maximum DC reverse current
TJ=25 °C
at rated DC blocking voltage
TJ=125 °C
IR
5
100
μA
Rating for fusing (t<8.3ms)
5.08
A
1.0
Typical junction capacitance per leg (Note 2)
13
A
Maximum instantaneous forward voltage (Note 1)
IF= 0.4 A
VF
V
Note 4: On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20mm x 20mm) mounted on 0.05" x 0.05" (1.3mm x 1.3mm) solder pads
(Note 3)
Typical thermal resistance (Note 4)
(Note 3)
RθJL
RθJA
RθJA
20
70
85
°C/W
Note 2: Measure at 1.0MHz and Applied Reverse Voltage of 4.0 Volts D.C.
Note 3: On glass epoxy P.C.B. mounted on 0.05" x 0.05" (1.3mm x 1.3mm) pads
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs,1% Duty Cycle


Similar Part No. - MBS2_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_1 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_16 Datasheet
198Kb / 4P
0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS2_15

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com