Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1553LCSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1553LCSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553LCSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1553LCSW Datasheet HTML 12Page - Linear Technology LTC1553LCSW Datasheet HTML 13Page - Linear Technology LTC1553LCSW Datasheet HTML 14Page - Linear Technology LTC1553LCSW Datasheet HTML 15Page - Linear Technology LTC1553LCSW Datasheet HTML 16Page - Linear Technology LTC1553LCSW Datasheet HTML 17Page - Linear Technology LTC1553LCSW Datasheet HTML 18Page - Linear Technology LTC1553LCSW Datasheet HTML 19Page - Linear Technology LTC1553LCSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1553L
1553lf LT/TP 0198 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PACKAGE DESCRIPTION Dimension in inches (millimeters) unless otherwise noted.
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
S20 (WIDE) 0396
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
PART NUMBER DESCRIPTION
COMMENTS
LTC1142
Current Mode Dual Step-Down Switching Regulator Controller
Dual Version of LTC1148
LTC1148
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1149
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 48V, for Standard Threshold FETs
LTC1159
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 40V, for Logic Threshold FETs
LTC1266
Current Mode Step-Up/Down Switching Regulator Controller
Synchronous N- or P-Channel FETs, Comparator/Low-Battery Detector
LTC1430
High Power Step-Down Switching Regulator Controller
Synchronous N-Channel FETs, Voltage Mode
LTC1435
High Efficiency Low Noise Synchronous Step-Down
Drive Synchronous N-Channel, VIN ≤ 36V
Switching Regulator
LTC1438
Dual High Efficiency Low Noise Synchronous Step-Down
Dual LTC1435 with Power-On Reset
Switching Regulator
LTC1553
5-Bit Programmable Synchronous Switching Regulator
High Voltage Version of LTC1553L
Controller for Pentium II Processor
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com