Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXTP749F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP749F
Description  25V PNP LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP749F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP749F Datasheet HTML 1Page - Diodes Incorporated ZXTP749F Datasheet HTML 2Page - Diodes Incorporated ZXTP749F Datasheet HTML 3Page - Diodes Incorporated ZXTP749F Datasheet HTML 4Page - Diodes Incorporated ZXTP749F Datasheet HTML 5Page - Diodes Incorporated ZXTP749F Datasheet HTML 6Page - Diodes Incorporated ZXTP749F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP749F
Document Number: DS31901 Rev. 3 - 2
1 of 7
www.diodes.com
January 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP749F
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > -25V
BVCEO > -35V forward blocking voltage
IC = -3A Continuous Collector Current
Low Saturation Voltage, VCE(SAT) < -150mV @ -1A.
RCE(sat) = 87mΩ for a low equivalent on-resistance
725mW power dissipation
hFE characterised up to -6A for high current gain hold-up
Complementary NPN Type: ZXTN649F
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (approximate)
Application
MOSFET gate drivers
Power switching in automotive and industrial applications
Motor drive and control
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP749FTA
1N8
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com
Marking Information
1N8 = Product type Marking Code
717
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
1N8


Similar Part No. - ZXTP749F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_16 Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
More results

Similar Description - ZXTP749F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_16 Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com