Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STUD616S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD616S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD616S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD616S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STU/D616S
Symbol
VDS
VGS
IDM
IAS
EAS
2.5
50
W
A
PD
°C
60
-55 to 175
ID
Units
Parameter
60
16
46.8
Avalanche Current
°C/W
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
°C/W
A
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Typ
60V
16A
81
@
VGS=4.5V
64
@
VGS=10V
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Avalanche Energy
c
c
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
Ver1.1
www.samhop.com.tw
Feb,12,2010
1
STU SERIES
TO-252AA(D-PAK)
G
G
S
S
D
D
STD SERIES
TO-251(l-PAK)
G
G
S
S
D
D
TA=25°C
TA=25°C
9
20.25
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
ESD Protected.
Green
Product


Similar Part No. - STUD616S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD610S SAMHOP-STUD610S Datasheet
126Kb / 8P
Super high dense cell design for low RDS(ON).
STUD618S SAMHOP-STUD618S Datasheet
128Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD616S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com