Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STUD616S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD616S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD616S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD616S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD616S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU/D616S
Ver1.1
www.samhop.com.tw
Feb,12,2010
4
VGS, Gate-Source Voltage (V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage (V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to Source Voltage (V)
Figure 9. Capacitance
Qg, Total Gate Charge (nC)
Figure 10. Gate Charge
Rg, Gate Resistance (
Ω)
Figure 11. Switching Characteristics
VDS, Gate-Source Voltage (V)
Figure 12. Maximum Safe
Operating Area
Cis s
Cos s
Crs s
1200
1000
800
600
400
200
0
10
15
20
25
30
0
5
240
200
160
120
80
40
0
24
6
8
10
0
25 C
ID=8A
75 C
125 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
125 C
75 C
10
8
6
4
2
0
02
4
6
810
12
14
16
V DS =30V
ID=8A
110
100
1
10
100
300
VDS=30V,ID=1A
VGS=10V
TD(on)
TD(off )
Tf
Tr
0.1
1
10
60
10
1
0.1
0.03
80
VGS=10V
Single Pulse
TA=25 C
R
DS
(O
N)
Limi
t
DC
10m
s
1m
s
100
us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com