Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UVLED-365-330-SMD Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # UVLED-365-330-SMD
Description  High Power UVLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED-365-330-SMD Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  UVLED-365-330-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
16.02.2012
UVLED-365-330-SMD
5 of 7
Reliability
1. Test items and result
Test Item
Standard Test
Methode
Test Conditions
Note
Number of
Damaged
Resistance to Soldering
Heat (Reflow Soldering)
Tsld=260°C, 10sec
2 times
0/10
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/10
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000 hrs.
0/10
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 hrs.
0/10
Steady State Operating Life
Condition 1
IF=500mA, Ta=25°C
Tested with standard circuit board *
1000 hrs.
0/10
Steady State Operating Life
Condition 2
IF=700mA, Ta=25°C
Tested with standard circuit board *
1000 hrs.
0/10
Steady State Operating Life
of High Temperature
IF=300mA, Ta=85°C
Tested with standard circuit board *
1000 hrs.
0/10
Steady State Operating Life
of High Humidity Heat
IF=450mA, 60°C, RH=90%
Tested with standard circuit board *
500 hrs.
0/10
Steady State Operating Life
of Low Temperature
IF=500mA, Ta=-10°C
Tested with standard circuit board *
1000 hrs.
0/10
Vibration
JEITA ED-4701
400 403
100 ~ 2000 ~ 100Hz Sweep 4min.
200m/s²
3directions, 4 cycles
48 min.
0/10
Electrostatic Discharge
JEITA ED-4701
300 304
R=1.5kΩ, C=100pF
Test Voltage=2kV
3 times
Negative /
Positiv
0/10
* Thermal resistance of LED with standard circuit board : Rja 35°C/W
2. Criteria for judging the damage
Item
Symbol
Test Conditions
Criteria for Judgment
Min.
Max.
Forward Voltage
VF
IF=500mA
-
Initial Level x 1.1
Optical Power Ouput
PO
IF=500mA
Initial Level x 0.7
-
* The test is performed after the board is cooled down to the room temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com