Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UVLED-365-330-SMD Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # UVLED-365-330-SMD
Description  High Power UVLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED-365-330-SMD Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVLED-365-330-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH UVLED-365-330-SMD Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
16.02.2012
UVLED-365-330-SMD
6 of 7
Precaution for Use
1. Cautions
This device is a UV LED, which radiates intense UV light during operation.
DO NOT look directly into the UV light or look through the optical system. To prevent
inadequate exposure of UV radiation, wearing UV protective glasses is recommended
2. Soldering Conditions
The LEDs can be soldered in place using the reflow soldering methode. There is no
guarantee for LEDs after they have been assembled using the dip or hand soldering method.
Recommended soldering conditions:
Reflow Soldering
Lead Solder
Lead-free Solder
Pre-Heat
120 – 150 °C
180 – 200 °C
Pre-Heat Time
120 Seconds Max.
120 Seconds Max.
Peak Temperature
240 °C Max.
260 °C Max.
Soldering Time
10 Seconds Mac.
10 Seconds Mac.
Condition
Please see graph below
Please see graph below
Although the recommended soldering conditions are specified in the above table, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
Lead Solder:
Lead free Solder:
Recommended Solder Pad design (unit mm):
The product has a floating die heat sink.
Please make sure that the die heat sink
is soldered for proper heat dissipation.
Occasionally there is a brightness decrease caused by the influence of heat or ambient
atmosphere during air reflow. It is recommended that the customer use the nitrogen reflow
method.
Repairing should not be done after the LEDs have been soldered. It should be confirmed
beforehand wheter the characteristics of the LEDs will or will not be damaged by reairing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com