Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5375 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5375
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5375 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5375 Datasheet HTML 1Page - RF Micro Devices RF5375 Datasheet HTML 2Page - RF Micro Devices RF5375 Datasheet HTML 3Page - RF Micro Devices RF5375 Datasheet HTML 4Page - RF Micro Devices RF5375 Datasheet HTML 5Page - RF Micro Devices RF5375 Datasheet HTML 6Page - RF Micro Devices RF5375 Datasheet HTML 7Page - RF Micro Devices RF5375 Datasheet HTML 8Page - RF Micro Devices RF5375 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF5375
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic Truth Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Bluetooth®
Frequency
2.4
2.5
GHz
Insertion Loss
0.8
1.2
dB
Bluetooth Input P1dB
22
dBm
Bluetooth Port Return Loss
10
12
dB
Bluetooth Port Impedance
50
Other Requirements
Antenna Port Impedance
50
Return Loss
10
12
dB
In WiFi RX or BT Mode
Isolation
ANT to RX
20
dB
At rated POUT in TX Mode
Switch Control Voltage
Low
0
0.2
V
High
2.7
3.6
V
Switch Control Current
Low
0.5
uA
High
100
uA
ESD
Human Body Model
1000
V
Pin-Ground
Charge Device Model
500
V
JESD22-C101C. Class III
Case Temperature
-10
+70
°C
Full Performance
Extreme Case Temperature
-40
+85
°C
Reduced Performance
Note 1: The PA must operate with gated bias voltage input at 1% to 99% duty cycle.
Note 2: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.
Mode
C_TX
C_RX
C_BT
VREG
Transmit
High
Low
Low
High
Receive
Low
High
Low
Low
Bluetooth
Low
Low
High
Low
Simultaneous
Low
High
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com