Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5375 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5375
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5375 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5375 Datasheet HTML 1Page - RF Micro Devices RF5375 Datasheet HTML 2Page - RF Micro Devices RF5375 Datasheet HTML 3Page - RF Micro Devices RF5375 Datasheet HTML 4Page - RF Micro Devices RF5375 Datasheet HTML 5Page - RF Micro Devices RF5375 Datasheet HTML 6Page - RF Micro Devices RF5375 Datasheet HTML 7Page - RF Micro Devices RF5375 Datasheet HTML 8Page - RF Micro Devices RF5375 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF5375
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1TX IN
RF input for the 802.11b/g/n PA. Input is matched to 50
. DC block required.
2VREG
Regulated voltage for the PA bias control circuit. An external bypass capacitor may be needed on
the VREG line for decoupling purposes.
3RX OUT
Receive port for 802.11b/g/n band. Internally matched to 50
. DC block required.
4
C_TX
Control pin for WiFi Transmit Port. See truth table for proper settings.
5
C_BT
Control pin for Bluetooth® Port. See truth table for proper settings.
6
C_RX
Control pin for WiFi Receive Port. See truth table for proper settings.
7BT PORT
Bluetooth® RF Port. DC block required.
8GND
Ground connection.
9ANT
Antenna port matched to 50
. DC block required.
10
POWER DETECT
Power detector voltage for TX section. PDET voltage varies with output power. May need external
decoupling.
11
VCC
Supply voltage for the FEM. See applications schematic for biasing and bypassing components.
12
VCC
Same as pin 11.
Pkg Base
GND
Ground connection. The backside of the package should be connected to the ground plane
through a short path, i.e., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com