Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5565 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5565
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5565 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5565 Datasheet HTML 1Page - RF Micro Devices RF5565 Datasheet HTML 2Page - RF Micro Devices RF5565 Datasheet HTML 3Page - RF Micro Devices RF5565 Datasheet HTML 4Page - RF Micro Devices RF5565 Datasheet HTML 5Page - RF Micro Devices RF5565 Datasheet HTML 6Page - RF Micro Devices RF5565 Datasheet HTML 7Page - RF Micro Devices RF5565 Datasheet HTML 8Page - RF Micro Devices RF5565 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive Parameters
Compliance
IEEE802.11b, IEEE802.11g,
FCC CFG 15.247,.205,.209, EN, and JDEC
Frequency
2.4
2.5
GHz
LNA Voltage Supply
3.0
3.3
4.8
V
LNA VDD tied to VBATT at all times
LNA Current
5
12
20
mA
LNA in “ON” state
05
A
LNA in “OFF” state (C_RX=low, LNA VDD=ON)
LNA Input P1dB
-9
-5
dBm
Gain
WiFi RX Gain
11
14
16
dB
WiFi RX mode
Bypass Mode
-4
dB
WiFi Bypass Mode
Noise Figure
VCC>3.3V, including switch
WiFi RX
2.2
3.5
dB
Bypass Mode
2.6
4
dB
Passband Ripple
-0.5
+0.5
dB
WiFi RX Mode
-0.5
+0.5
dB
WiFi Bypass Mode
WiFi RX Output Return Loss
9.6
dB
WiFi RX Input Return Loss
5
7
dB
Measured at antenna port
WiFi RX Port Impedance
50
No external matching
Bluetooth Parameters
Frequency
2.4
2.5
GHz
Insertion Loss
BT TX/RX
0.9
1.2
dB
Bluetooth mode (measured ANT to BT port)
Passband Ripple
-0.2
+0.2
dB
Bluetooth mode
Bluetooth Output Return Loss
9.6
dB
Switch in Bluetooth Mode
Input P1dB
28
dBm
Other Requirements
Antenna Port Impedance
Output
50
Return Loss
5
7
dB
Isolation
Antenna to Receive
20
dB
In BT Mode (measured from ANT to RX port)
Antenna to Bluetooth®
20
dB
In TX Mode (measured from ANT to BT port)
Antenna to Receive
20
dB
In TX Mode (measured from ANT to RX port)
Switch Control Voltage
C RX, C BT, and C_TX control lines
Low
0
0.2
V
Switch is in the low state (L)
High
3.0
3.6
V
Switch is in the high state (H)
Switch Control Current
2
10
A
Per control line
LNA_EN Control Current
60
100
AOver VCC, Frequency and Temperature.
Switch Control Speed
10
nsec
Switch P1dB
28
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com