Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5565 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5565
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5565 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5565 Datasheet HTML 2Page - RF Micro Devices RF5565 Datasheet HTML 3Page - RF Micro Devices RF5565 Datasheet HTML 4Page - RF Micro Devices RF5565 Datasheet HTML 5Page - RF Micro Devices RF5565 Datasheet HTML 6Page - RF Micro Devices RF5565 Datasheet HTML 7Page - RF Micro Devices RF5565 Datasheet HTML 8Page - RF Micro Devices RF5565 Datasheet HTML 9Page - RF Micro Devices RF5565 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Pin
Function
Description
1TX_IN
RF input for the 802.11b/g PA. Input is matched to 50
 and DC block is provided.
2VREG
Regulated voltage for the bias control circuit. An external bypass capacitor may be needed on the VREG line for
decoupling purposes.
3RX OUT
Receive port for 802.11b/g band. Internally matched to 50
. DC block provided.
4LNA VDD
Voltage supply for the LNA.
5
LNA_EN
Control voltage for the LNA. When this pin is set to a LOW logic state, the bypass mode is enabled.
6C RX
Receive switch control pin. See switch truth table for proper level.
7
C_TX
Switch control voltage for the transmit branch. See logic control table for proper settings.
8BT
RF bidirectional port for Bluetooth®. Input is matched to 50
 and DC block is provided.
9C_BT
Bluetooth® switch control pin. See truth table for proper level.
10
ANT
Port matched to 50
 and is DC blocked internally.
11
GND
Ground.
12
N/C
No connect.
13
N/C
No connect.
14
VCC
Supply voltage for the PA.
15
VCC
Supply voltage for the PA.
16
PDETECT
Power detector voltage for TX section. PDET voltage varies with output power. May need external decoupling
capacitor for noise bypassing. May need external circuitry to bring output voltage to desired level.
TX_IN
RX Out
ANT
Vreg
12
11
10
9
8
7
6
5
4
3
2
1
16
15
14
13
GND
C_BT
N/C
LNA_Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com