Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMP2012SN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2012SN
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2012SN_15 Datasheet HTML 1Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 2Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 3Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 4Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP2012SN
Document number: DS30790 Rev. 7 - 2
2 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP2012SN
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
12
V
Drain Current (Note 5) Steady State
ID
-0.7
A
Pulsed Drain Current (Note 6)
IDM
-2.8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient
RJA
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-10
µA
VDS = -20V, VGS = 0V
Gate-Body Leakage
IGSS
10
µA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.5
-1.2
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
0.23
0.37
0.30
0.50
Ω
VGS = -4.5V, ID = -0.4A
VGS = -2.5V, ID = -0.4A
Forward Transfer Admittance
|Yfs|
1.5
S
VDS = -10V, ID = -0.4A
Diode Forward Voltage (Note 7)
VSD
-0.8
-1.1
V
VGS = 0V, IS = -0.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
178.5

pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
26.3

pF
Reverse Transfer Capacitance
Crss
18.8

pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10.4
ns
VDD = -10V, ID = -0.4A,
VGS = -5.0V, RGEN = 50Ω
Turn-Off Delay Time
tD(OFF)
175
ns
Turn-On Rise Time
tr
22.3
ns
Turn-Off Fall Time
tf
64
ns
Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10µS, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com