Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMP2012SN Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2012SN
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2012SN_15 Datasheet HTML 1Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 2Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 3Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 4Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMP2012SN
Document number: DS30790 Rev. 7 - 2
4 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP2012SN
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
0.4
0.6
0.8
1.2
1.4
1.6
1.0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= -4.5V
I = -700mA
GS
D
V
= -2.5V
I = -700mA
GS
D
V
= -2.5V
I = -400mA
GS
D
0.1
0.2
0.3
0.4
0.5
0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 On-Resistance Variation with Temperature
V= -2.5V
I=
A
GS
D
-400
V=
5V
I=
A
GS
D
-4.
-700m
V= -2.5V
I=
A
GS
D
-700
0.5
1.0
1.5
0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 9 Gate Threshold Variation vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0
2
4
6
8
101214
16
18
20
1,000
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
C
oss
C
rss
f = 1MHz
Ciss
SC59
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
-
-
0.95
G
-
-
1.90
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
N
0.70
0.80
0.75

0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com